Part Number Hot Search : 
C68HC05 C68HC05 C2000 163CMQ08 PLL0930A D1207S BYW80 KR15S01
Product Description
Full Text Search
 

To Download 2SA1096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC2497, 2SC2497A
Silicon NPN epitaxial planar type
Unit: mm
For low-frequency power amplification Complementary to 2SA1096 and 2SA1096A I Features
* High collector to emitter voltage VCEO * TO-126B package which requires no insulation plate for installation to the heat sink
8.0+0.5 -0.1 3.160.1
3.80.3 11.00.5
3.20.2
1.90.1
I Absolute Maximum Ratings TC = 25C
Parameter Collector to base voltage Collector to emitter voltage 2SC2497 2SC2497A VEBO ICP IC PC Tj Tstg Symbol VCBO VCEO Rating 70 50 60 5 3 1.5 1.2 *1 5 *2 Junction temperature Storage temperature 150 -55 to +150 C C V A A W Unit V V
1 2 0.750.1 4.60.2 0.50.1 0.50.1 2.30.2 3 1.760.1
16.01.0
Emitter to base voltage Peak collector current Collector current Collector power dissipation
1 : Emitter 2 : Collector 3 : Base TO-126B-A1 Package
Note) *1: Without heat sink *2: With a 100 x 100 x 2 mm A1 heat sink
I Electrical Characteristics TC = 25C
Parameter Collector cutoff current Symbol ICBO ICEO Emitter cutoff current Collector to base voltage Collector to emitter voltage 2SC2497 2SC2497A hFE VCE(sat) VBE(sat) fT Cob VCE = 5 V, IC = 1 A IC = 1.5 A, IB = 0.15 A IC = 1.5 A, IB = 0.15 A VCB = 5 V, IE = - 0.5 A, f = 200 MHz VCB = 20 V, IE = 0, f = 1 MHz 150 35 IEBO VCBO VCEO Conditions VCB = 20 V, IE = 0 VCE = 10 V, IB = 0 VEB = 5 V, IC = 0 IC = 1 mA, IE = 0 IC = 2 mA, IB = 0 70 50 60 80 220 1 1.5 V V MHz pF Min Typ Max 1 100 10 Unit A A A V V
Forward current transfer ratio * Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Note) *: Rank classification Rank hFE R 80 to 160
S 120 to 220
188
3.050.1
Power Transistors
PC T a
6
2SC2497, 2SC2497A
IC VCE
Collector to emitter saturation voltage VCE(sat) (V)
4.0 TC=25C 3.5 10
VCE(sat) IC
IC/IB=10
Collector power dissipation PC (W)
5
(1)With a 100x100x2mm Al heat sink (2)Without heat sink
Collector current IC (A)
3.0 2.5 2.0 1.5 1.0 0.5
IB=50mA 45mA 40mA 35mA 30mA 25mA 20mA 15mA 10mA 5mA
3
4 (1) 3
1
0.3 25C
TC=100C -25C
2
0.1
1
(2)
0.03
0 0 40 80 120 160
0 0 2 4 6 8 10 12
0.01 0.01
0.03
0.1
0.3
1
3
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 10 1000
hFE IC
240 VCE=5V
fT I E
VCB=5V f=200MHz TC=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
1 3
200
3 TC=-25C 100C 0.3 25C
300 TC=100C 100 -25C 30 25C
160
1
120
0.1
10
80
0.03
3
40
0.01 0.01
0.03
0.1
0.3
1
3
1 0.01
0.03
0.1
0.3
0 -0.01 -0.03 -0.1 -0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (A)
Cob VCB
240
VCER RBE
Collector to emitter voltage VCER (V)
IE=0 f=1MHz TC=25C 100 90 80 103 IC=10mA TC=25C 104
ICBO Ta
VCB=40V
Collector output capacitance Cob (pF)
200
60 50 40 30
ICBO (Ta) ICBO (Ta=25C)
0.3 1 3 10 30 100
160
70
120
102
80
10 20 10 0 0.1 1 0 20 40 60 80 100 120 140 160 180
40
0 1 3 10 30 100
Collector to base voltage VCB (V)
Base to emitter resistance RBE (k)
Ambient temperature Ta (C)
189
2SC2497, 2SC2497A
Area of safe operation (ASO)
10 3 ICP IC t=1s Single pulse TC=25C t=10ms
Power Transistors
Collector current IC (A)
1 0.3 0.1 0.03 0.01
0.003 0.001 0.1
0.3
1
3
10
30
Collector to emitter voltage VCE (V)
190
2SC2497A
100
2SC2497
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SA1096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X